Part Number Hot Search : 
SR304 ADSL2 BFXXXX EP1C3 SEMIX453 79BEZ 1N1203C 67040
Product Description
Full Text Search
 

To Download 74HCT4067N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74hc4067; 74hct4067 is a high-speed si-gate cmos device and is pin compatible with the hef4067b. the device is speci?ed in compliance with jedec standard no. 7a. the 74hc4067; 74hct4067 is a 16-channel analog multiplexer/demultiplexer with four address inputs (s0 to s3), an active-low enable input ( e), sixteen independent inputs/outputs (y0 to y15) and a common input/output (z). the 74hc4067; 74hct4067 contains sixteen bidirectional analog switches, each with one side connected to an independent input/output (y0 to y15) and the other side connected to a common input/output (z). with pin e = low, one of the sixteen switches is selected by pins s0 to s3 (low impedance on-state). all unselected switches are in the high-impedance off-state. with pin e = high, all switches are in the high-impedance off-state, independent of pins s0 to s3. the analog inputs/outputs (y0 to y15, and z) can swing between v cc as a positive limit and gnd as a negative limit. v cc to gnd may not exceed 10 v. 2. features n low on resistance: u 80 w (typical) at v cc = 4.5 v u 70 w (typical) at v cc = 6.0 v u 60 w (typical) at v cc = 9.0 v n typical break before make built-in 3. applications n analog multiplexing and demultiplexing n digital multiplexing and demultiplexing n signal gating 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer rev. 03 15 october 2007 product data sheet
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 2 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer 4. ordering information table 1. ordering information type number package temperature range name description version 74hc4067 74hc4067n - 40 c to +125 c dip24 plastic dual in-line package; 24 leads (600 mil); reverse bending sot101-1 74hc4067d - 40 c to +125 c so24 plastic small outline package; 24 leads; body width 7.5 mm sot137-1 74hc4067db - 40 c to +125 c ssop24 plastic shrink small outline package; 24 leads; body width 5.3 mm sot340-1 74hc4067pw - 40 c to +125 c tssop24 plastic thin shrink small outline package; 24 leads; body width 4.4 mm sot355-1 74hc4067bq - 40 c to +125 c dhvqfn24 plastic dual in-line compatible thermal enhanced very thin quad ?at package; no leads; 24 terminals; body 3.5 5.5 0.85 mm sot815-1 74hct4067 74HCT4067N - 40 c to +125 c dip24 plastic dual in-line package; 24 leads (600 mil); reverse bending sot101-1 74hct4067d - 40 c to +125 c so24 plastic small outline package; 24 leads; body width 7.5 mm sot137-1 74hct4067db - 40 c to +125 c ssop24 plastic shrink small outline package; 24 leads; body width 5.3 mm sot340-1 74hct4067pw - 40 c to +125 c tssop24 plastic thin shrink small outline package; 24 leads; body width 4.4 mm sot355-1 74hct4067bq - 40 c to +125 c dhvqfn24 plastic dual in-line compatible thermal enhanced very thin quad ?at package; no leads; 24 terminals; body 3.5 5.5 0.85 mm sot815-1
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 3 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer 5. functional diagram fig 1. logic symbol fig 2. iec logic symbol 001aag725 9 y0 8 10 y1 s0 11 s1 14 s2 13 s3 15 e 7 y2 6 y3 5 y4 4 y5 z 1 3 y6 2 y7 23 y8 22 y9 21 y10 20 y11 19 y12 18 y13 17 y14 16 y15 0 mux/dmux 3 9 g16 8 7 6 1 5 4 3 2 0 1 2 3 4 5 6 7 23 22 21 20 19 18 17 16 8 9 10 11 12 13 14 15 001aag726 16 0 15 10 11 14 13 15 fig 3. schematic diagram (one switch) 001aag729 yn z gnd from logic v cc v cc
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 4 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer fig 4. functional diagram 001aag727 1-of-16 decoder 10 9y0 s0 8y1 7y2 6y3 5y4 4y5 3y6 2y7 23 y8 22 y9 21 y10 20 y11 19 y12 18 y13 17 y14 16 y15 1z 11 s1 14 s2 13 s3 15 e
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 5 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer fig 5. logic diagram 001aag728 y0 y1 s0 s1 s2 s3 e y2 y3 y4 y5 y6 y7 y8 y9 y10 y11 y12 y13 y14 y15 z
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 6 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer 6. pinning information 6.1 pinning 6.2 pin description (1) the die substrate is attached to this pad using conductive die attach material. it can not be used as supply pin or input. fig 6. pin con?guration for dip24, so24, ssop24 and tssop24 fig 7. pin con?guration for dhvqfn24 74hc4067 74hct4067 zv cc y7 y8 y6 y9 y5 y10 y4 y11 y3 y12 y2 y13 y1 y14 y0 y15 s0 e s1 s2 gnd s3 001aag730 1 2 3 4 5 6 7 8 9 10 11 12 14 13 16 15 18 17 20 19 22 21 24 23 001aag731 74hc4067 74hct4067 transparent top view s2 s0 s1 e y0 y15 y1 y14 y2 y13 y3 y12 y4 y11 y5 y10 y6 y9 y7 y8 gnd s3 z v cc 11 14 10 15 9 16 8 17 7 18 6 19 5 20 4 21 3 22 2 23 12 13 1 24 terminal 1 index area v cc (1) table 2. pin description symbol pin description z 1 common input/output y7 2 independent input/output 7 y6 3 independent input/output 6 y5 4 independent input/output 5 y4 5 independent input/output 4 y3 6 independent input/output 3 y2 7 independent input/output 2 y1 8 independent input/output 1 y0 9 independent input/output 0 s0 10 address input 0 s1 11 address input 1 gnd 12 ground (0 v) s3 13 address input 3 s2 14 address input 2
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 7 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer 7. functional description [1] h = high voltage level; l = low voltage level; x = dont care. e 15 enable input (active low) y15 16 independent input/output 15 y14 17 independent input/output 14 y13 18 independent input/output 13 y12 19 independent input/output 12 y11 20 independent input/output 11 y10 21 independent input/output 10 y9 22 independent input/output 9 y8 23 independent input/output 8 v cc 24 supply voltage table 2. pin description continued symbol pin description table 3. function table [1] inputs channel on e s3 s2 s1 s0 llllly0 to z llllhy1 to z lllhly2 to z l l l h h y3 to z l l h l l y4 to z l l h l h y5 to z l l h h l y6 to z l l h h h y7 to z l h l l l y8 to z l h l l h y9 to z l h l h l y10 to z l h l h h y11 to z l h h l l y12 to z l h h l h y13 to z l hhhl y14 to z l hhhh y15 to z hxxxx-
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 8 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer 8. limiting values [1] to avoid drawing v cc current out of terminal z, when switch current ?ows in terminals yn, the voltage drop across the bidirectional switch must not exceed 0.4 v. if the switch current ?ows into terminal z, no v cc current will ?ow out of terminals yn. in this case there is no limit for the voltage drop across the switch, but the voltages at yn and z may not exceed v cc or gnd. [2] for dip24 package: p tot derates linearly with 12 mw/k above 70 c. [3] for so24 package: p tot derates linearly with 8 mw/k above 70 c. [4] for ssop24 and tssop24 packages: p tot derates linearly with 5.5 mw/k above 60 c. [5] for dhvqfn24 package: p tot derates linearly with 4.5 mw/k above 60 c. 9. recommended operating conditions table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage [1] - 0.5 +11.0 v i ik input clamping current v i < - 0.5 v or v i >v cc + 0.5 v - 20 ma i sk switch clamping current v sw < - 0.5 v or v sw >v cc + 0.5 v - 20 ma i sw switch current v sw = - 0.5 v to (v cc + 0.5 v) - 25 ma i cc supply current - 50 ma i gnd ground current - - 50 ma t stg storage temperature - 65 +150 c p tot total power dissipation t amb = - 40 c to +125 c dip24 package [2] - 750 mw so24 package [3] - 500 mw ssop24 package [4] - 500 mw tssop24 package [4] - 500 mw dhvqfn24 package [5] - 500 mw p power dissipation per switch - 100 mw table 5. recommended operating conditions symbol parameter conditions min typ max unit 74hc4067 v cc supply voltage 2.0 5.0 10.0 v v i input voltage gnd - v cc v v sw switch voltage gnd - v cc v t r rise time v cc = 2.0 v - - 1000 ns v cc = 4.5 v - 6.0 500 ns v cc = 6.0 v - - 400 ns v cc = 10.0 v - - 250 ns t f fall time v cc = 2.0 v - - 1000 ns v cc = 4.5 v - 6.0 500 ns v cc = 6.0 v - - 400 ns v cc = 10.0 v - - 250 ns t amb ambient temperature - 40 +25 +125 c
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 9 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer 10. static characteristics [1] at supply voltages (v cc - gnd) approaching 2 v, the analog switch on resistance becomes extremely non-linear. therefore it is recommended that these devices be used to transmit digital signals only, when using these supply voltages. 74hct4067 v cc supply voltage 4.5 5.0 5.5 v v i input voltage gnd - v cc v v sw switch voltage gnd - v cc v t r rise time v cc = 4.5 v - 6.0 500 ns t f fall time v cc = 4.5 v - 6.0 500 ns t amb ambient temperature - 40 +25 +125 c table 5. recommended operating conditions continued symbol parameter conditions min typ max unit table 6. r on resistance per switch for types 74hc4067 and 74hct4067 v i = v ih or v il ; for test circuit see figure 8 . v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. for 74hc4067: v cc - gnd = 2.0 v, 4.5 v, 6.0 v and 9.0 v. for 74hct4067: v cc - gnd = 4.5 v. symbol parameter conditions 25 c - 40 c to +125 c unit typ max max (85 c) max (125 c) r on(peak) on resistance (peak) v is = v cc to gnd v cc = 2.0 v; i sw = 100 m a [1] ---- w v cc = 4.5 v; i sw = 1000 m a 110 180 225 270 w v cc = 6.0 v; i sw = 1000 m a 95 160 200 240 w v cc = 9.0 v; i sw = 1000 m a 75 130 165 195 w r on(rail) on resistance (rail) v is = gnd or v cc v cc = 2.0 v; i sw = 100 m a [1] 150 - - - v cc = 4.5 v; i sw = 1000 m a 90 160 200 240 w v cc = 6.0 v; i sw = 1000 m a 80 140 175 210 w v cc = 9.0 v; i sw = 1000 m a 70 120 150 180 w d r on on resistance mismatch between channels v is = v cc to gnd v cc = 2.0 v [1] ---- w v cc = 4.5 v 9 - - - w v cc = 6.0 v 8 - - - w v cc = 9.0 v 6 - - - w
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 10 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer v is = 0 v to (v cc - gnd) v is = 0 v to (v cc - gnd) (1) v cc = 4.5 v (2) v cc = 6.0 v (3) v cc = 9.0 v fig 8. test circuit for measuring r on fig 9. typical r on as a function of input voltage v is 001aag733 v il z v cc yn e i sw v is gnd v sw v is (v) 0 9.0 7.2 3.6 5.4 1.8 mnb047 50 70 30 90 110 10 r on ( w ) (1) (2) (3) r on v sw i sw ---------- - = table 7. static characteristics 74hc4067 at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions min typ max unit t amb = 25 c v ih high-level input voltage v cc = 2.0 v 1.5 1.2 - v v cc = 4.5 v 3.15 2.4 - v v cc = 6.0 v 4.2 3.2 - v v cc = 9.0 v 6.3 4.7 - v v il low-level input voltage v cc = 2.0 v - 0.8 0.5 v v cc = 4.5 v - 2.1 1.35 v v cc = 6.0 v - 2.8 1.80 v v cc = 9.0 v - 4.3 2.70 v i i input leakage current v i = v cc or gnd v cc = 6.0 v - - 0.1 m a v cc = 10.0 v - - 0.2 m a i s(off) off-state leakage current v cc = 10.0 v; v i = v ih or v il ; | v sw | = v cc - gnd ; see figure 10 per channel - - 0.1 m a all channels - - 0.8 m a i s(on) on-state leakage current v cc = 10.0 v; v i = v ih or v il ; | v sw | = v cc - gnd ; see figure 11 -- 0.8 m a
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 11 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer i cc supply current v i =v cc or gnd; v is = gnd or v cc ; v os =v cc or gnd v cc = 6.0 v - - 8.0 m a v cc = 10.0 v - - 16.0 m a c i input capacitance - 3.5 - pf t amb = - 40 c to +85 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 4.5 v 3.15 - - v v cc = 6.0 v 4.2 - - v v cc = 9.0 v 6.3 - - v v il low-level input voltage v cc = 2.0 v - - 0.50 v v cc = 4.5 v - - 1.35 v v cc = 6.0 v - - 1.80 v v cc = 9.0 v - - 2.70 v i i input leakage current v i = v cc or gnd v cc = 6.0 v - - 1.0 m a v cc = 10.0 v - - 2.0 m a i s(off) off-state leakage current v cc = 10.0 v; v i = v ih or v il ; | v sw | = v cc - gnd ; see figure 10 per channel - - 1.0 m a all channels - - 8.0 m a i s(on) on-state leakage current v cc = 10.0 v; v i = v ih or v il ; | v sw | = v cc - gnd ; see figure 11 -- 8.0 m a i cc supply current v i =v cc or gnd; v is = gnd or v cc ; v os =v cc or gnd v cc = 6.0 v - - 80.0 m a v cc = 10.0 v - - 160 m a t amb = - 40 c to +125 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 4.5 v 3.15 - - v v cc = 6.0 v 4.2 - - v v cc = 9.0 v 6.3 - - v v il low-level input voltage v cc = 2.0 v - - 0.50 v v cc = 4.5 v - - 1.35 v v cc = 6.0 v - - 1.80 v v cc = 9.0 v - - 2.70 v i i input leakage current v i = v cc or gnd v cc = 6.0 v - - 1.0 m a v cc = 10.0 v - - 2.0 m a table 7. static characteristics 74hc4067 continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions min typ max unit
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 12 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer i s(off) off-state leakage current v cc = 10.0 v; v i = v ih or v il ; | v sw | = v cc - gnd ; see figure 10 per channel - - 1.0 m a all channels - - 8.0 m a i s(on) on-state leakage current v cc = 10.0 v; v i = v ih or v il ; | v sw | = v cc - gnd ; see figure 11 -- 8.0 m a i cc supply current v i =v cc or gnd; v is = gnd or v cc ; v os =v cc or gnd v cc = 6.0 v - - 160 m a v cc = 10.0 v - - 320 m a table 7. static characteristics 74hc4067 continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions min typ max unit table 8. static characteristics 74hct4067 at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions min typ max unit t amb = 25 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 1.6 - v v il low-level input voltage v cc = 4.5 v to 5.5 v - 1.2 0.8 v i i input leakage current v i = v cc or gnd; v cc = 5.5 v - - 0.1 m a i s(off) off-state leakage current v cc = 5.5 v; v i = v ih or v il ; | v sw | = v cc - gnd ; see figure 10 per channel - - 0.1 m a all channels - - 0.8 m a i s(on) on-state leakage current v cc = 5.5 v; v i = v ih or v il ; | v sw | = v cc - gnd ; see figure 11 -- 0.8 m a i cc supply current v i = v cc or gnd; v is = gnd or v cc ; v os =v cc or gnd; v cc = 4.5 v to 5.5 v - - 8.0 m a d i cc additional supply current per input pin; v i =v cc - 2.1 v; other inputs at v cc or gnd; v cc = 4.5 v to 5.5 v pin e - 60 216 m a pin sn - 50 180 m a c i input capacitance - 3.5 - pf t amb = - 40 c to +85 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 v i i input leakage current v i = v cc or gnd; v cc = 5.5 v - - 1.0 m a i s(off) off-state leakage current v cc = 5.5 v; v i = v ih or v il ; | v sw | = v cc - gnd ; see figure 10 per channel - - 1.0 m a all channels - - 8.0 m a
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 13 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer i s(on) on-state leakage current v cc = 5.5 v; v i = v ih or v il ; | v sw | = v cc - gnd ; see figure 11 -- 8.0 m a i cc supply current v i = v cc or gnd; v is = gnd or v cc ; v os =v cc or gnd; v cc = 4.5 v to 5.5 v - - 80.0 m a d i cc additional supply current per input pin; v i = v cc - 2.1 v; other inputs at v cc or gnd; v cc = 4.5 v to 5.5 v pin e - - 270 m a pin sn - - 225 m a t amb = - 40 c to +125 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 v i i input leakage current v i = v cc or gnd; v cc = 5.5 v - - 1.0 m a i s(off) off-state leakage current v cc = 5.5 v; v i = v ih or v il ; | v sw | = v cc - gnd ; see figure 10 per channel - - 1.0 m a all channels - - 8.0 m a i s(on) on-state leakage current v cc = 5.5 v; v i = v ih or v il ; | v sw | = v cc - gnd ; see figure 11 -- 8.0 m a i cc supply current v i = v cc or gnd; v is = gnd or v cc ; v os =v cc or gnd; v cc = 4.5 v to 5.5 v - - 160 m a d i cc additional supply current per input pin; v i = v cc - 2.1 v; other inputs at v cc or gnd; v cc = 4.5 v to 5.5 v pin e - - 294 m a pin sn - - 245 m a table 8. static characteristics 74hct4067 continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions min typ max unit v is = v cc and v os = gnd v is = gnd and v os = v cc v is = v cc and v os = open v is = gnd and v os = open fig 10. test circuit for measuring off-state leakage current fig 11. test circuit for measuring on-state leakage current i sw i sw 001aag734 v ih z v cc yn e v os v is gnd i sw 001aag735 v il zyn e v os v is gnd v cc
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 14 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer 11. dynamic characteristics table 9. dynamic characteristics 74hc4067 gnd = 0 v; t r = t f = 6 ns; c l = 50 pf unless speci?ed otherwise; for test circuit see figure 14 . v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions 25 c - 40 c to +125 c unit typ max max (85 c) max (125 c) t pd propagation delay yn to z; see figure 12 [1] [2] v cc = 2.0 v 25 75 95 110 ns v cc = 4.5 v 9 15 19 22 ns v cc = 6.0 v 7 13 16 19 ns v cc = 9.0 v 5 9 11 14 ns z to yn v cc = 2.0 v 18 60 75 90 ns v cc = 4.5 v 6 12 15 18 ns v cc = 6.0 v 5 10 13 15 ns v cc = 9.0 v 4 8 10 12 ns t off turn-off time e to yn; see figure 13 [3] v cc = 2.0 v 74 250 315 375 ns v cc = 4.5 v 27 50 63 75 ns v cc = 5.0 v; c l = 15 pf 27 - - - ns v cc = 6.0 v 22 43 54 64 ns v cc = 9.0 v 20 38 48 57 ns sn to yn v cc = 2.0 v 83 250 315 375 ns v cc = 4.5 v 30 50 63 75 ns v cc = 5.0 v; c l = 15 pf 29 - - - ns v cc = 6.0 v 24 43 54 64 ns v cc = 9.0 v 21 38 48 57 ns e to z v cc = 2.0 v 85 275 345 415 ns v cc = 4.5 v 31 55 69 83 ns v cc = 6.0 v 25 47 59 71 ns v cc = 9.0 v 24 42 53 63 ns sn to z v cc = 2.0 v 94 290 365 435 ns v cc = 4.5 v 34 58 73 87 ns v cc = 6.0 v 27 47 62 74 ns v cc = 9.0 v 25 45 56 68 ns
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 15 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer [1] t pd is the same as t phl and t plh . [2] due to higher z terminal capacitance (16 switches versus 1) the delay ?gures to the z terminal are higher than those to the y terminal. [3] t on is the same as t phz and t plz . [4] t off is the same as t pzh and t pzl . [5] c pd is used to determine the dynamic power dissipation (p d in m w). p d = c pd v cc 2 f i + ? {(c l +c sw ) v cc 2 f o } where: f i = input frequency in mhz; f o = output frequency in mhz; ? {(c l +c sw ) v cc 2 f o } = sum of outputs; c l = output load capacitance in pf; c sw = switch capacitance in pf; v cc = supply voltage in v. t on turn-on time e to yn; see figure 13 [4] v cc = 2.0 v 80 275 345 415 ns v cc = 4.5 v 29 55 69 83 ns v cc = 5.0 v; c l = 15 pf 26 - - - ns v cc = 6.0 v 23 47 59 71 ns v cc = 9.0 v 17 42 53 63 ns sn to yn v cc = 2.0 v 88 300 375 450 ns v cc = 4.5 v 32 60 75 90 ns v cc = 5.0 v; c l = 15 pf 29 - - - ns v cc = 6.0 v 26 51 64 77 ns v cc = 9.0 v 18 45 56 68 ns e to z v cc = 2.0 v 85 275 345 415 ns v cc = 4.5 v 31 55 69 83 ns v cc = 6.0 v 25 47 59 71 ns v cc = 9.0 v 18 42 53 63 ns sn to z v cc = 2.0 v 94 300 375 450 ns v cc = 4.5 v 34 60 75 90 ns v cc = 6.0 v 27 51 64 77 ns v cc = 9.0 v 19 45 56 68 ns c pd power dissipation capacitance per switch; v i = gnd to v cc [5] -29- -pf table 9. dynamic characteristics 74hc4067 continued gnd = 0 v; t r = t f = 6 ns; c l = 50 pf unless speci?ed otherwise; for test circuit see figure 14 . v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions 25 c - 40 c to +125 c unit typ max max (85 c) max (125 c)
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 16 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer [1] t pd is the same as t phl and t plh . [2] due to higher z terminal capacitance (16 switches versus 1) the delay ?gures to the z terminal are higher than those to the y terminal. [3] t on is the same as t phz and t plz . [4] t off is the same as t pzh and t pzl . [5] c pd is used to determine the dynamic power dissipation (p d in m w). p d = c pd v cc 2 f i + ? {(c l +c sw ) v cc 2 f o } where: f i = input frequency in mhz; f o = output frequency in mhz; ? {(c l +c sw ) v cc 2 f o } = sum of outputs; c l = output load capacitance in pf; c sw = switch capacitance in pf; v cc = supply voltage in v. table 10. dynamic characteristics 74hct4067 gnd = 0 v; t r = t f = 6 ns; c l = 50 pf unless speci?ed otherwise; for test circuit see figure 14 . v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions 25 c - 40 c to +125 c unit typ max max (85 c) max (125 c) t pd propagation delay yn to z; see figure 12 [1] [2] v cc = 4.5 v 9 15 19 22 ns z to yn v cc = 4.5 v 6 12 15 18 ns t off turn-off time e to yn; see figure 13 [3] v cc = 4.5 v 26 55 69 83 ns v cc = 5.0 v; c l = 15 pf 26 - - - ns sn to yn v cc = 4.5 v 31 55 69 83 ns v cc = 5.0 v; c l = 15 pf 30 - - - ns e to z v cc = 4.5 v 30 60 75 90 ns sn to z v cc = 4.5 v 35 60 75 90 ns t on turn-on time e to yn; see figure 13 [4] v cc = 4.5 v 32 60 75 90 ns v cc = 5.0 v; c l = 15 pf 32 - - - ns sn to yn v cc = 4.5 v 35 60 75 90 ns v cc = 5.0 v; c l = 15 pf 33 - - - ns e to z v cc = 4.5 v 38 65 81 98 ns sn to z v cc = 4.5 v 38 65 81 98 ns c pd power dissipation capacitance per switch; v i = gnd to (v cc - 1.5 v) [5] -29- -pf
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 17 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer 12. waveforms fig 12. input (v is ) to output (v os ) propagation delays 001aad555 t plh t phl 50 % 50 % v is input v os output measurement points are shown in t ab le 11 . fig 13. turn-on and turn-off times 001aad556 t plz t phz switch off switch on switch on v os output v os output e, sn inputs v m v i 0 v 90 % 10 % t pzl t pzh 50 % 50 % table 11. measurement points type v i v m 74hc4067 v cc 0.5v cc 74hct4067 3.0 v 1.3 v
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 18 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer [1] for 74hct4067: maximum input voltage v i = 3.0 v. test data is given in t ab le 12 . de?nitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. r l = load resistor. s1 = test selection switch. fig 14. load circuitry for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aag732 v cc v cc open gnd v i v os dut c l r t r l s1 pulse generator v is table 12. test data test input output s1 position control e address sn switch yn (z) t r , t f switch z (yn) v i [1] v i [1] v is c l r l t phl, t plh gnd gnd or v cc gnd to v cc 6 ns 50 pf - open t phz , t pzh gnd to v cc gnd to v cc v cc 6 ns 50 pf, 15 pf 1 k w gnd t plz , t pzl gnd to v cc gnd to v cc gnd 6 ns 50 pf, 15 pf 1 k w v cc
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 19 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer 13. additional dynamic characteristics [1] adjust input voltage v is to 0 dbm level (0 dbm = 1 mw into 600 w ). [2] adjust input voltage v is to 0 dbm level at v os for f i = 1 mhz (0 dbm = 1 mw into 50 w ). after set-up, f i is increased to obtain a reading of - 3 db at v os . table 13. additional dynamic characteristics recommended conditions and typical values; gnd = 0 v; t amb = 25 c. v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions min typ max unit thd total harmonic distortion r l = 10 k w ; c l = 50 pf; see figure 15 f i = 1 khz v cc = 4.5 v; v is(p-p) = 4.0 v - 0.04 - % v cc = 9.0 v; v is(p-p) = 8.0 v - 0.02 - % f i = 10 khz v cc = 4.5 v; v is(p-p) = 4.0 v - 0.12 - % v cc = 9.0 v; v is(p-p) = 8.0 v - 0.06 - % a iso isolation (off-state) r l = 600 w ; c l = 50 pf; see figure 16 [1] v cc = 4.5 v - - 50 - db v cc = 9.0 v - - 50 - db f (-3db) - 3 db frequency response r l = 50 w ;c l = 10 pf; see figure 17 [2] v cc = 4.5 v - 90 - mhz v cc = 9.0 v - 100 - mhz c sw switch capacitance independent pins y - 5 - pf common pin z - 45 - pf fig 15. test circuit for measuring total harmonic distortion 10 m f 001aag736 v il z gnd yn e v os d v cc 2r l 2r l c l v is f i v cc
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 20 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer a. isolation (off-state) b. test circuit v cc = 4.5 v; gnd = 0 v; r l = 50 w ; r source = 1 k w . fig 16. isolation (off-state) as a function of frequency 001aae332 f i (khz) 10 10 5 10 6 10 4 10 2 10 3 - 60 - 40 - 80 - 20 0 a iso (db) - 100 0.1 m f 001aag737 v ih z gnd yn e v os v cc 2r l 2r l c l v is f i db v cc
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 21 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer a. typical - 3 db frequency response b. test circuit v cc = 4.5 v; gnd = 0 v; r l = 50 w ; r source = 1 k w . fig 17. - 3 db frequency response 001aag739 f i (khz) 10 10 5 10 6 10 4 10 2 10 3 0 5 v os (db) - 5 0.1 m f 001aag738 v il z db yn e v os v cc 2r l 2r l c l v is f i gnd v cc
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 22 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer 14. package outline fig 18. package outline sot101-1 (dip24) unit a max. 1 2 b 1 cd e e m h l references outline version european projection issue date iec jedec jeita mm inches dimensions (inch dimensions are derived from the original mm dimensions) sot101-1 99-12-27 03-02-13 a min. a max. b w m e e 1 1.7 1.3 0.53 0.38 0.32 0.23 32.0 31.4 14.1 13.7 3.9 3.4 0.25 2.54 15.24 15.80 15.24 17.15 15.90 2.2 5.1 0.51 4 0.066 0.051 0.021 0.015 0.013 0.009 1.26 1.24 0.56 0.54 0.15 0.13 0.01 0.1 0.6 0.62 0.60 0.68 0.63 0.087 0.2 0.02 0.16 051g02 mo-015 sc-509-24 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 24 1 13 12 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. z max. (1) (1) (1) dip24: plastic dual in-line package; 24 leads (600 mil) sot101-1
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 23 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer fig 19. package outline sot137-1 (so24) unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p q z y w v q references outline version european projection issue date iec jedec jeita mm inches 2.65 0.3 0.1 2.45 2.25 0.49 0.36 0.32 0.23 15.6 15.2 7.6 7.4 1.27 10.65 10.00 1.1 1.0 0.9 0.4 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.1 0.4 sot137-1 x 12 24 w m q a a 1 a 2 b p d h e l p q detail x e z c l v m a 13 (a ) 3 a y 0.25 075e05 ms-013 pin 1 index 0.1 0.012 0.004 0.096 0.089 0.019 0.014 0.013 0.009 0.61 0.60 0.30 0.29 0.05 1.4 0.055 0.419 0.394 0.043 0.039 0.035 0.016 0.01 0.25 0.01 0.004 0.043 0.016 0.01 e 1 0 5 10 mm scale so24: plastic small outline package; 24 leads; body width 7.5 mm sot137-1 99-12-27 03-02-19
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 24 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer fig 20. package outline sot340-1 (ssop24) unit a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.21 0.05 1.80 1.65 0.38 0.25 0.20 0.09 8.4 8.0 5.4 5.2 0.65 1.25 7.9 7.6 0.9 0.7 0.8 0.4 8 0 o o 0.13 0.1 0.2 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.2 mm maximum per side are not included. 1.03 0.63 sot340-1 mo-150 99-12-27 03-02-19 x w m q a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 112 24 13 0.25 y pin 1 index 0 2.5 5 mm scale ssop24: plastic shrink small outline package; 24 leads; body width 5.3 mm sot340-1 a max. 2
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 25 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer fig 21. package outline sot355-1 (tssop24) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 7.9 7.7 4.5 4.3 0.65 6.6 6.2 0.4 0.3 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot355-1 mo-153 99-12-27 03-02-19 0.25 0.5 0.2 w m b p z e 112 24 13 pin 1 index q a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a d y 0 2.5 5 mm scale tssop24: plastic thin shrink small outline package; 24 leads; body width 4.4 mm sot355-1 a max. 1.1
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 26 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer fig 22. package outline sot815-1 (dhvqfn24) references outline version european projection issue date iec jedec jeita note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. sot815-1 - - - - - - - - - 03-04-29 sot815-1 0 2.5 5 mm scale b y y 1 c c a c c b v m w m e 1 e 2 terminal 1 index area terminal 1 index area x unit a (1) max. a 1 bc e e h l e 1 y w v mm 1 0.05 0.00 0.30 0.18 0.5 4.5 e 2 1.5 0.2 2.25 1.95 d h 4.25 3.95 0.05 0.05 y 1 0.1 0.1 dimensions (mm are the original dimensions) 0.5 0.3 d (1) 5.6 5.4 e (1) 3.6 3.4 d e b a e dhvqfn24: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 24 terminals; body 3.5 x 5.5 x 0.85 mm a a 1 c detail x e h l d h 2 23 11 14 13 12 1 24
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 27 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer 15. revision history table 14. revision history document id release date data sheet status change notice supersedes 74hc_hct4067_3 20071015 product data sheet - 74hc_hct4067_cnv_2 modi?cations: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. ? added: type numbers 74hc4067bq and 74hct4067bq (dhvqfn24 package). 74hc_hct4067_cnv_2 19970901 product speci?cation - -
74hc_hct4067_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 15 october 2007 28 of 29 nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 16.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 16.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of a nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 16.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 17. contact information for additional information, please visit: http://www .nxp.com for sales of?ce addresses, send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
nxp semiconductors 74hc4067; 74hct4067 16-channel analog multiplexer/demultiplexer ? nxp b.v. 2007. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 15 october 2007 document identifier: 74hc_hct4067_3 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 6 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 6 7 functional description . . . . . . . . . . . . . . . . . . . 7 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 8 9 recommended operating conditions. . . . . . . . 8 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 9 11 dynamic characteristics . . . . . . . . . . . . . . . . . 14 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 13 additional dynamic characteristics . . . . . . . . 19 14 package outline . . . . . . . . . . . . . . . . . . . . . . . . 22 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 27 16 legal information. . . . . . . . . . . . . . . . . . . . . . . 28 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 28 16.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 16.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 17 contact information. . . . . . . . . . . . . . . . . . . . . 28 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29


▲Up To Search▲   

 
Price & Availability of 74HCT4067N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X